Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33989
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Interrupt Register (INT)
This register allows masking or enabling the interrupt
source. A read operation informs about the interrupt source.
When the mask bit is set, INT pin goes low if the
appropriate condition occurs.
If HS1OT - V2LOW interrupt is only selected (only bit D2 set
in INT register), reading INT register bit D2 leads to two
possibilities:
1. Bit D2 = 1: INT source is HS1OT
2. Bit D2 = 0: INT source is V2LOW
HS1OT and V2LOW bits status are available in IOR.
Upon a wake-up condition from Stop mode due to over
current detection (IDD1SW-U1 or IDD1S-WU2), an INT pulse is
generated; however, INT register content remains at 0000
(not bit set into the INT register).
The status bit of the INT register content is a copy of the
IOR and CAN registers status content. To clear the INT
register bit the IOR and/or CAN register must be cleared
(read register). Once this operation is done at IOR and CAN
register the INT register is updated.
Errors bits are latched in the CAN register and IOR.
Table 31. INT Register
INT
D3
D2
D1
D0
$111B
W
VSUPLOW
HS1OT-V2LOW
VDDTEMP
CANF
R
VSUPLOW
HS1OT
VDDTEMP
CANF
Reset Value
0
0
0
0
Reset Condition
POR, RST
POR, RST
POR, RST
POR, RST
Table 32. INT Control Bits
Control Bit
Description
CANF
Mask Bit for CAN Failures
VDDTEMP
Mask Bit for VDD Medium Temperature (Pre-Warning)
HS1OT - V2LOW
Mask Bit for HS1 Over Temperature AND V2 Below 4.0 V
VSUPLOW
Mask Bit for VSUP Below 6.1 V
Table 33. INT Status Bits
Status Bit
Description
CANF
CAN Failure
VDDTEMP
VDD Medium Temperature (pre-warning)
HS1OT
HS1 Over Temperature
VSUPLOW
VSUP Below 6.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com