Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33989 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33989
Description  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33989
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Figure 7. Transceiver AC Characteristics
VDIFF
TX
0.8 V
TTRD
0.9 V
2.0 V
TTDR
0.5 V
0.9 V
VDIFF
RX
0.8 V
TRRD
0.5 V
2.0 V
TRDR
2.0 V
2.0 V
0.8 V
RX
0.8 V
TX
TLRD
TLDR
VDIFF = VCANH - VCANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com