Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 111 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 107Page - STMicroelectronics STPMIC25APQR Datasheet HTML 108Page - STMicroelectronics STPMIC25APQR Datasheet HTML 109Page - STMicroelectronics STPMIC25APQR Datasheet HTML 110Page - STMicroelectronics STPMIC25APQR Datasheet HTML 111Page - STMicroelectronics STPMIC25APQR Datasheet HTML 112Page - STMicroelectronics STPMIC25APQR Datasheet HTML 113Page - STMicroelectronics STPMIC25APQR Datasheet HTML 114Page - STMicroelectronics STPMIC25APQR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 145 page
background image
6.8
NVM shadow registers
All NVM shadow registers are reloaded from the NVM content in the INIT&LOAD state and in the CHECK&LOAD
state. Then mirror registers or mirror bit fields (in Section 6.3 and Section 6.5) are set to the default value.
6.8.1
NVM main control shadow register 1 (NVM_MAIN_CTRL_SHR1)
Table 81. NVM_MAIN_CTRL_SHR1
7
6
5
4
3
2
1
0
VINOK_HYST[1:0]
VINOK_RISE[1:0]
NVM_WDG_TMR_SET[1:0]
NVM_WDG_EN
AUTO_TURN_ON
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x90
•
Default: Depends on the PMIC part number
•
Description: NVM main control shadow register 1.
[7:6]
VINOK_HYST[1:0]: VINOK_HYST threshold voltage
00: 200 mV
01: 300 mV
10: 400 mV
11: 500 mV
[5:4]
VINOK_RISE[1:0]: VINOK_Rise threshold voltage
00: 3.1 V
01: 3.3 V
10: 3.5 V
11: 4.0 V
[3:2]
NVM_WDG_TMR_SET [1:0]: watchdog timer duration default value
00: 10 s
01: 20 s
10: 50 s
11: 100 s
[1]
NVM_WDG_EN: watchdog default value
0: Watchdog is disabled
1: Watchdog is enabled
[0]
AUTO_TURN_ON:
0: PMIC does not start automatically on VIN rising
1: PMIC starts automatically on VIN rising
STPMIC25
Register descriptions
DS14278 - Rev 3
page 111/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com