Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 108Page - STMicroelectronics STPMIC25APQR Datasheet HTML 109Page - STMicroelectronics STPMIC25APQR Datasheet HTML 110Page - STMicroelectronics STPMIC25APQR Datasheet HTML 111Page - STMicroelectronics STPMIC25APQR Datasheet HTML 112Page - STMicroelectronics STPMIC25APQR Datasheet HTML 113Page - STMicroelectronics STPMIC25APQR Datasheet HTML 114Page - STMicroelectronics STPMIC25APQR Datasheet HTML 115Page - STMicroelectronics STPMIC25APQR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 145 page
background image
6.8.2
NVM main control shadow register 2 (NVM_MAIN_CTRL_SHR2)
Table 82. NVM_MAIN_CTRL_SHR2
7
6
5
4
3
2
1
0
RANK_DLY[1:0]
RST_DLY[1:0]
NVM_PKEY_LKP_OFF
NVM_PKEY_LKP_FSLS
NVM_PKEY_LKP_TMR[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x91
Default: Depends on the PMIC part number
Description: NVM main control shadow register 2.
[7:6]
RANK_DLY[1:0]: power-up/power-down step (RANK) duration:
00: 1.5 ms
01: 3 ms
10: 4.5 ms
11: 6 ms
(see Section 5.2)
[5:4]
RST_DLY[1:0]: RST release delay after POWER_UP sequence:
00: no delay
01: 1.5 ms
10: 3 ms
11: 6 ms
(see Section 5.2)
[3]
NVM_PKEY_LKP_OFF: PONKEYn long key press turn-off condition default value (see Section 5.4.4)
0: no effect
1: A PONKEYn long key press triggers a turn-off condition
[2]
NVM_PKEY_LKP_FSLS: PONKEYn long key press fail-safe lock state skipping default value (see Section 5.4.5.2)
0: no effect
1: A PONKEYn long key press allows the PMIC to go from the FAIL_SAFE_LOCK state to the OFF state
[1:0]
NVM_PKEY_LKP_TMR[1:0]: PONKEYn long key press timer duration default value
00: 2 s
01: 5 s
10: 10 s
11: 15 s
STPMIC25
Register descriptions
DS14278 - Rev 3
page 112/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com