Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 131 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 127Page - STMicroelectronics STPMIC25APQR Datasheet HTML 128Page - STMicroelectronics STPMIC25APQR Datasheet HTML 129Page - STMicroelectronics STPMIC25APQR Datasheet HTML 130Page - STMicroelectronics STPMIC25APQR Datasheet HTML 131Page - STMicroelectronics STPMIC25APQR Datasheet HTML 132Page - STMicroelectronics STPMIC25APQR Datasheet HTML 133Page - STMicroelectronics STPMIC25APQR Datasheet HTML 134Page - STMicroelectronics STPMIC25APQR Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 145 page
background image
6.8.27
NVM I²C device address shadow register (NVM_I2C_ADDR_SHR)
Table 107. NVM_I2C_ADD_SHR
7
6
5
4
3
2
1
0
LOCK_NVM
I²C_ADDR[6:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0xB5
•
Default: Depends on the PMIC part number
•
Description: NVM I²C device address shadow register.
The content of this register take effect after the NVM programming command, then the NVM reloads (INIT&LOAD
state or CHECK&LOAD state or NVM read command).
The LOCK_NVM bit takes effect on both shadow registers write and NVM programming command. A successful
program operation is enough to have the lock active (without any reload).
[7]
LOCK_NVM: NVM write access lock:
0: NVM write allowed
1: NVM write disabled
[6:0]
I²C_ADDR[6:0]: I²C device address.
6.8.28
NVM user free shadow register (NVM_USER_SHRx) (x = 1 to 2)
Table 108. NVM_USER_SHRx
7
6
5
4
3
2
1
0
NVM_USERx[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0xB6, 0xB7
•
Default: 0x00 (genuine PMIC) or user defined value
•
Description: User free shadow register 1 and 2.
Free usage scratch registers save end-product application data in the NVM.
It requires an NVM programing command to save content in the NVM.
[7:0]
NVM_USERx[7:0]: user defined value.
STPMIC25
Register descriptions
DS14278 - Rev 3
page 131/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com