Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 133 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 129Page - STMicroelectronics STPMIC25APQR Datasheet HTML 130Page - STMicroelectronics STPMIC25APQR Datasheet HTML 131Page - STMicroelectronics STPMIC25APQR Datasheet HTML 132Page - STMicroelectronics STPMIC25APQR Datasheet HTML 133Page - STMicroelectronics STPMIC25APQR Datasheet HTML 134Page - STMicroelectronics STPMIC25APQR Datasheet HTML 135Page - STMicroelectronics STPMIC25APQR Datasheet HTML 136Page - STMicroelectronics STPMIC25APQR Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 145 page
background image
Table 109. WFQFN 56L (6.5X6.5X0.9) mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.00
-
0.05
A3
0.20 REF.
b
0.17
0.20
0.23
D
6.5 BSC
D2
4.45
4.50
4.55
e
0.4 BSC
E
6.5 BSC
E2
4.45
4.50
4.55
L
0.35
0.40
0.45
k
0.20
N
56
STPMIC25
Package information
DS14278 - Rev 3
page 133/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com