Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
46
DS726PP1
CS4525
gradual voltage ramp minimizes output transients while the DC blocking capacitor is charged and dis-
charged. The Popguard has no effect on the PWM_SIG outputs nor the auxiliary serial output.
PWM Popguard is disabled by default; to enable it, the RmpSpd[1:0] register must be set to any value
other than 11. PWM Popguard should only be used for has when the power outputs are configured for
stereo half-bridge with full-bridge sub per Section 6.1.7.1. The RAMP_CAP pin must be connected to the
VP supply through a 0.033 µF capacitor whenever PWM Popguard is enabled, as shown in Figure 19.
Table 9. Typical Ramp Times for Various VP Voltages
PWM Popguard’s output ramp time will vary depending on the voltage applied to VP and the value of the
RmpSpd[1:0] bits; typical ramp times are listed in Table 9. All output channels are affected by the Rm-
pSpeed[1:0] bits, and PWM Popguard is disabled by default.
6.1.8
Logic-Level PWM Outputs
The CS4525 has two configurable logic-level PWM outputs, PWM_SIG1 and PWM_SIG2. These outputs
can be used as either digital input to an external PWM amplifier such as the CS4412, or as an analog
input to a headphone amplifier or a line-out amplifier.
To eliminate power-up pops when used to supply an external PWM amplifier, the CS4525 implements the
same click-free start-up function on the PWM_SIG outputs as it does for its own powered PWM outputs.
This function can only be utilized if the PWM amplifier has an initial transition delay feature, such as the
CS4412A. To eliminate power-up and power-down pops when used to supply an analog output circuit,
the PWM_SIG outputs support a high-impedance state that is controlled by the HiZPSig bit in the
VP Voltage
Typical Ramp Up Times
RmpSpd[1:0] = 00
RmpSpd[1:0] = 01
RmpSpd[1:0] = 10
RmpSpd[1:0] = 11
12 V
2.16 seconds
2.20 seconds
2.20 seconds
Instant (No Ramp)
15 V
1.74 seconds
1.76 seconds
1.78 seconds
Instant (No Ramp)
18 V
1.40 seconds
1.42 seconds
1.44 seconds
Instant (No Ramp)
Referenced Control
Register Location
RmpSpeed[1:0] ................... “Ramp Speed (RmpSpd[1:0])” on page 75
PDnAll ................................. “Power Down (PDnAll)” on page 89
PDnOutX ............................. “Power Down PWM Power Output X (PDnOutX)” on page 88
Left
Speaker
Right
Speaker
Subwoofer
0.033 uF
+8V to +18V
Full-
bridge
Filter
CS4525
OUT1
OUT2
OUT3
OUT4
RA
MP
_C
AP
Half-
bridge
Filter
Half-
bridge
Filter
Figure 19. Popguard Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com