Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic CS4525 Datasheet HTML 93Page - Cirrus Logic CS4525 Datasheet HTML 94Page - Cirrus Logic CS4525 Datasheet HTML 95Page - Cirrus Logic CS4525 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
92
DS726PP1
CS4525
9.21 Interrupt Status (Address 61h) - Read Only
All bits in this register are considered “level-triggered” events, meaning as long as a condition continues, the corre-
sponding bit will remain set. These status bits are not affected by the interrupt mask bit and the condition of each bit
can be polled. These bits will not be cleared following a read to this register, nor can they be written to cause an
interrupt condition.
9.21.1 SRC State Transition (SRCLockSt)
Function:
This bit is read only and reflects the current lock state of the SRC. When set, indicates the SRC is currently
locked. When cleared, indicates the SRC is currently unlocked.
9.21.2 ADC Overflow (ADCOvflSt)
Function:
This bit is read only and will identify the presence of an overflow condition within the ADC. When set, in-
dicates that an over-range condition is currently occurring in the CS4525 ADC signal path and has been
clipped to positive or negative full scale.
9.21.3 Sub Overflow (SubOvflSt)
Function:
This bit is read only and will identify the presence of an overflow condition anywhere in the Sub channel’s
signal path. When set, indicates that an over-range condition is currently occurring in the Sub channel’s
signal path and has been clipped to positive or negative full scale.
9.21.4 Channel X Overflow (ChXOvflSt)
Function:
These bits are read only and will identify the presence of an overflow condition anywhere in the associated
channel’s signal path. When set, indicates that an over-range condition is currently occurring in the chan-
nel’s signal path and has been clipped to positive or negative full scale.
76
5
4
3
2
1
0
SRCLockSt
ADCOvflSt
SubOvflSt
Ch2OvflSt
Ch1OvflSt
RampDone
Reserved
Reserved
SRCLockSt Setting
SRC Lock State
0 ..........................................SRC is currently unlocked.
1 ..........................................SRC is currently locked.
ADCOvflSt Setting
ADC Overflow State
0 ..........................................An ADC overflow condition is not currently present.
1 ..........................................An ADC overflow condition is currently present.
SubOvflSt Setting
Sub Overflow State
0 ..........................................An overflow condition is not currently present on the Sub channel.
1 ..........................................An overflow condition is currently present on the Sub channel.
ChXOvflSt Setting
Channel X Overflow State
0 ..........................................An overflow condition is not currently present on channel X.
1 ..........................................An overflow condition is currently present on channel X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com