Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
66
DS726PP1
CS4525
8. REGISTER QUICK REFERENCE
This table shows the register names and their associated default values.
Adr
Name
76
5432
10
01h Clock Config
EnSysClk
DivSysClk
ClkFreq1
ClkFreq0
HP/MutePol
HP/Mute
PhaseShift
FreqShift
page 69
100
1000
0
02h Input Config
ADC/SP
EnAnHPF
Reserved
SPRate1
SPRate0
DIF2
DIF1
DIF0
page 71
010
x
x
00
0
03h Aux Config
EnAuxPort DlyPortCfg1 DlyPortCfg0 AuxI²S/LJ
RChDSel1
RChDSel0
LChDSel1
LChDSel0
page 72
000
0010
0
04h Output Cfg
OutputCfg1 OutputCfg0 PWMDSel1 PWMDSel0 OutputDly3 OutputDly2 OutputDly1 OutputDly0
page 73
000
0000
0
05h Foldback Cfg
SelectVP
EnTherm
LockAdj
AttackDly1
AttackDly0
EnFloor
RmpSpd1
RmpSpd0
page 74
100
0101
1
06h Mixer Config
PreScale2
PreScale1
PreScale0
Reserved
RChMix1
RChMix0
LChMix1
LChMix0
page 75
000
0000
0
07h Tone Config
DeEmph
Loudness
EnDigHPF
TrebFc1
TrebFc0
BassFc1
BassFc0
EnToneCtrl
page 76
000
0001
0
08h Tone Control
Treble3
Treble2
Treble1
Treble0
Bass3
Bass2
Bass1
Bass0
page 78
100
0100
0
09h EQ Config
Freeze
HiZPSig
BassMgr2
BassMgr1
BassMgr0
Reserved
EnChBPEq EnChAPEq
page 78
000
0000
0
0Ah
BiQuad 1
A1 Coeff
MSB
.............................................................................................................................
MSB-7
0Bh
MSB-8
.............................................................................................................................
LSB+8
0Ch
LSB+7
.............................................................................................................................
LSB
0Dh
BiQuad 1
A2 Coeff
MSB
.............................................................................................................................
MSB-7
0Eh
MSB-8
.............................................................................................................................
LSB+8
0Fh
LSB+7
.............................................................................................................................
LSB
10h
BiQuad 1
B0 Coeff
MSB
.............................................................................................................................
MSB-7
11h
MSB-8
.............................................................................................................................
LSB+8
12h
LSB+7
.............................................................................................................................
LSB
13h
BiQuad 1
B1 Coeff
MSB
.............................................................................................................................
MSB-7
14h
MSB-8
.............................................................................................................................
LSB+8
15h
LSB+7
.............................................................................................................................
LSB
16h
BiQuad 1
B2 Coeff
MSB
.............................................................................................................................
MSB-7
17h
MSB-8
.............................................................................................................................
LSB+8
18h
LSB+7
.............................................................................................................................
LSB
19h
BiQuad 2
A1 Coeff
MSB
.............................................................................................................................
MSB-7
1Ah
MSB-8
.............................................................................................................................
LSB+8
1Bh
LSB+7
.............................................................................................................................
LSB
1Ch
BiQuad 2
A2 Coeff
MSB
.............................................................................................................................
MSB-7
1Dh
MSB-8
.............................................................................................................................
LSB+8
1Eh
LSB+7
.............................................................................................................................
LSB
1Fh
BiQuad 2
B0 Coeff
MSB
.............................................................................................................................
MSB-7
20h
MSB-8
.............................................................................................................................
LSB+8
21h
LSB+7
.............................................................................................................................
LSB
22h
BiQuad 2
B1 Coeff
MSB
.............................................................................................................................
MSB-7
23h
MSB-8
.............................................................................................................................
LSB+8
24h
LSB+7
.............................................................................................................................
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com