Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
62
DS726PP1
CS4525
6.6
Serial Audio Interfaces
The CS4525 interfaces to external digital audio devices via the serial audio input port and the auxiliary/delay
serial ports.
The serial audio input port provides support for I²S, Left-Justified and Right-Justified data formats and op-
erates in slave mode only, with LRCK and SCLK as inputs. The input LRCK signal must be equal to the
sample rate, Fs and must be synchronous to the serial bit clock, SCLK, which is used to sample the data
bits.
The auxiliary/delay serial port (available in software mode only) supports I²S and Left-Justified data formats
and operates in master mode only, with AUX_LRCK and AUX_SCLK as outputs.
Each of the supported formats is described in detail in sections 6.6.1 - 6.6.3 below. Please refer to the Serial
Audio Input Port Switching Specifications and AUX Serial Audio I/O Port Switching Specifications on
page 21 and page 22 (respectively) for the precise timing and tolerances of each signal.
For additional information, application note AN282 presents a tutorial of the 2-channel serial audio interface.
AN282 can be downloaded from the Cirrus Logic web site at http://www.cirrus.com.
6.6.1
I²S Data Format
In I²S format, data is received most significant bit first one SCLK delay after the transition of LRCK and is
valid on the rising edge of SCLK. The left channel data is presented when LRCK is low; the right channel
data is presented when LRCK is high.
6.6.2
Left-Justified Data Format
In Left-Justified format, data is received most significant bit first on the first SCLK after a LRCK transition
and is valid on the rising edge of SCLK. The left channel data is presented when LRCK is high and the
right channel data is presented when LRCK is low.
Left Channel
Right Channel
SDIN
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LSB
LSB
LRCK
SCLK
Figure 30. I²S Serial Audio Formats
LRCK
SCLK
Left Channel
Right Channel
SDIN
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 31. Left-Justified Serial Audio Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com