Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
DS726PP1
43
CS4525
6.1.5
Auxiliary Serial Output
The CS4525 includes a stereo auxiliary serial output which allows an external device to leverage on its
internal signal processing and routing capabilities. The auxiliary serial output can receive its data from any
of the sources shown in the Digital Signal Flow diagram on page 29.
The supported output data routing configurations are shown in Table 6 below. By default, the serial port
is configured to output channels A and B on the auxiliary output data left and right channels respectively.
The data output on each channel of AUX_SDOUT is set by the LChDSel[1:0] and RChDSel[1:0] bits in
the Aux Port Configuration register. The frequencies of AUX_LRCK and AUX_SCLK will vary based upon
the whether the serial input or analog input is being used and the frequency of the system clock for the
CS4525; the nominal values for these clocks are listed in Table 7. The characteristics of AUX_SCLK,
AUX_LRCK, and AUX_SDOUT are described in the AUX Serial Audio I/O Port Switching Specifications
table on page 22.
The auxiliary port can be enabled using the EnAuxPort bit. When enabled, the port operates as a master
and clocks out data in the format dictated by the AuxI²S/LJ bit. When disabled, the AUX_LRCK,
AUX_SCLK, and AUX_SDOUT pins continuously drive a logic ‘0’. It should be noted that when the
CS4525 is configured for analog input, the AUX_LRCK, AUX_SCLK, and AUX_SDOUT pins will contin-
uously drive a logic ‘0’ if either the PDnADC bit or PDnAll bit is set.
LChDSel[1:0]
Aux Left Channel Data
RChDSel[1:0]
Aux Right Channel Data
00
Channel A
00
Channel A
01
Channel B
01
Channel B
10
Sub Channel
10
Sub Channel
11
Channel B X-Over LPF
11
Channel B X-Over HPF
Table 6. Auxiliary Serial Port Data Output
Signal
ADC/SP = 0
(Digital Input Mode)
ADC/SP = 1
(Analog Input Mode)
Applied System Clock from either
SYS_CLK or External Crystal
18.432, 24.576, or 27.000MHz
18.432MHz
24.576MHz
27.000MHz
Frequency of LRCK Input
32kHz, 44.1kHz,
or 48kHz
96kHz
Not Applicable
Nominal Frequency of AUX_SCLK
Output
Frequency of
SCLK Input
Frequency of
SCLK Input / 2
2.304MHz
3.072MHz
3.375MHz
Nominal Frequency of AUX_LRCK
Output
Frequency of
LRCK Input
Frequency of
LRCK Input / 2
48kHz
48kHz
52.734kHz
Table 7. Nominal Switching Frequencies of the Auxiliary Serial Output
Referenced Control
Register Location
EnAuxPort ........................... “Enable Aux Serial Port (EnAuxPort)” on page 72
LChDSel[1:0]....................... “Aux Serial Port Left Channel Data Select (LChDSel[1:0])” on page 73
RChDSel[1:0] ...................... “Aux Serial Port Right Channel Data Select (RChDSel[1:0])” on page 72
AuxI²S/LJ............................. “Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ)” on page 72
PDnADC.............................. “Power Down ADC (PDnADC)” on page 88
PDnAll ................................. “Power Down (PDnAll)” on page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com