Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
82
DS726PP1
CS4525
9.11.2 Channel A and Channel B High-Pass Sensitivity Adjust (HighPass[3:0])
Default = 0000
Function:
Controls the 2-way cross-over high-pass sensitivity adjustment. See “2-Way Crossover & Sensitivity Con-
trol” on page 41 for more information.
9.12 Master Volume Control (Address 57h)
9.12.1 Master Volume Control (MVol[7:0])
Default = 2Ah
Function:
Sets the gain/attenuation level of the master volume control. See “Volume and Muting Control” on
page 36 for more information.
HighPass[3:0] Setting
Sensitivity Compensation Level
0000 ....................................0.0 dB
0001 ....................................-0.5 dB
0010 ....................................-1.0 dB
.....................................
1000 ....................................-4.0 dB
.....................................
1110 .....................................-7.0 dB
1111 .....................................-7.5 dB
76
543
21
0
MVol7
MVol6
MVol5
MVol4
MVol3
MVol2
MVol1
MVol0
MVol[7:0] Setting
Master Volume Setting
0000 0000 ...........................+24 dB
............................
0010 1010 ...........................+3 dB
............................
0011 0000............................0.0 dB
0011 0001............................-0.5 dB
0011 0010............................-1.0 dB
............................
1111 1110.............................-103.0 dB
1111 1111 .............................Master Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com