Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
78
DS726PP1
CS4525
9.8
Tone Control (Address 08h)
9.8.1
Treble Gain Level (Treb[3:0])
Default = 1000
Function:
Sets the gain/attenuation level of the treble shelving filter.The level can be adjusted in 1.5 dB steps from
+12.0 to -10.5 dB.
9.8.2
Bass Gain Level (Bass[3:0])
Default = 1000
Function:
Sets the gain/attenuation level of the bass shelving filter. The level can be adjusted in 1.5 dB steps from
+12.0 to -10.5 dB.
9.9
2.1 Bass Manager/Parametric EQ Control (Address 09h)
9.9.1
Freeze Controls (Freeze)
Default = 0
Function:
This function will freeze the previous output of, and allow modifications to be made to the master volume
control (address 57h), channel X volume control (address 58h - 5Ah), and bi-quad coefficient registers for
channel A, and channel B (address 0Ah - 54h) without the changes taking effect until the Freeze bit is
disabled. To make multiple changes in these control port registers take effect simultaneously, enable the
Freeze bit, make all register changes, then disable the Freeze bit.
76
543
21
0
Treble3
Treble2
Treble1
Treble0
Bass3
Bass2
Bass1
Bass0
Treb[3:0] Setting
Treble Shelving Filter Gain/Attenuation
0000 ....................................+12 dB
0001 ....................................+10.5 dB
.....................................
1000 ....................................0 dB
.....................................
1110 .....................................-9.0 dB
1111 .....................................-10.5 dB
Bass[3:0] Setting
Bass Shelving Filter Gain/Attenuation
0000 ....................................+12 dB
0001 ....................................+10.5 dB
.....................................
1000 ....................................0 dB
.....................................
1110 .....................................-9.0 dB
1111 .....................................-10.5 dB
76
543
21
0
Freeze
HiZPSig
BassMgr2
BassMgr1
BassMgr0
Reserved
EnChBPEq
EnChAPEq
Freeze Setting
Register Freeze State
0 ..........................................Register freeze disabled.
1 ..........................................Register freeze enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com