Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 9Page - Cirrus Logic CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
DS726PP1
13
CS4525
3. TYPICAL CONNECTION DIAGRAMS
+8 V to +18 V
31
30
25
36
12
470 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
470 µF
35
RAMP_CAP
0.1 µF
10 µF
+3.3 or +5 V
Analog
Audio
Inputs
43
AUX_SDOUT
Analog
Audio
Switch
AINR
20
AINL
19
10
23
22
28
33
34
37
38
27
*Note: Resistors are required for I²C control port
operation.
OUT1
OUT2
Output
Filter
35
32
OUT3
OUT4
Output
Filter
29
26
PWM_SIG2 39
40
PWM_SIG1
Line
Output
- or -
Headphone
Output
Analog
Monitor
Output
Crystal
24.576 MHz
XTI
XTO
48
47
MPEG
Audio
Processor
- or -
HDMI
Receiver
SDIN
6
LRCK
4
SCLK
5
46
SYS_CLK
7
HP_DETECT/MUTE
Lip-Synch
Delay
NJU26902
+2.5V
VD_REG
11
0.1 µF
10 µF
AUX_SCLK
44
DLY_SDOUT
41
DLY_SDIN
42
AUX_LRCK/AD0
45
Micro-
Controller
RST
8
INT
1
SDA
3
SCL
2
VD
AGND 14
VA_REG 13
AFILTA 17
AFILTB 18
FILT+ 15
VQ 16
0.1 µF
10 µF
150 pF
150 pF
10 µF
1 µF
LVD 9
VD or GND
OCREF 21
16.2 k
Ω
Note: On release of RST, AD0 is read as input on the
AUX_LRCK line.
†
Figure 1. Typical Connection Diagram - Software Mode
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com