Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic CS4525 Datasheet HTML 91Page - Cirrus Logic CS4525 Datasheet HTML 92Page - Cirrus Logic CS4525 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
DS726PP1
89
CS4525
9.19.5 Power Down (PDnAll)
Default = 1
Function:
The CS4525 will enter a power-down state when this function is enabled:
1. The power PWM outputs will be held in a high-impedance state.
2. The logic-level PWM outputs will continuously drive a logic ‘0’ if the HiZPSig bit is set and will be held
in a high-impedance state if the HiZPSig bit is clear.
3. AUX_SDOUT, the auxiliary serial data output, will be driven to a digital-low. AUX_LRCK and
AUX_SCLK, the auxiliary serial output’s clocks, will continue to operate if the EnAuxPort bit is set,
ADC/SP is cleared, and the serial audio input receives a valid SCLK and LRCK; otherwise they will
also be driven to a digital-low voltage.
4. DLY_SDOUT, the delay serial data output, will output the unprocessed audio data from SDATA if
EnAuxPort is set, DlyPortCfg[1:0] is configured for serial output delay interface, ADC/SP is cleared,
and the serial audio input port receives a valid SCLK, LRCK, and SDATA. Otherwise, it will drive a
low voltage.
The contents of the control registers are retained in this state. Once the PDnAll bit is disabled, the pow-
ered and logic-level PWM outputs will first perform a click-free start-up function and then resume normal
operation.
The PDnAll bit defaults to ‘enabled’ on power-up and must be disabled before normal operation can occur.
9.20 Interrupt (Address 60h)
Bits [7:4] in this register are read only. A ‘1’b in these bit positions indicates that the associated condition has oc-
curred at least once since the register was last read. A ‘0’b indicates that the associated condition has not occurred
since the last reading of the register. Reading the register resets bits to [7:4] ‘0’b. These bits are considered “edge-
triggered” events. The operation of these 4 bits is not affected by the interrupt mask bits and the condition of each
bit can be polled instead of generating an interrupt as required.
9.20.1 SRC Lock State Transition Interrupt (SRCLock)
Function:
This bit is read only. When set, indicates that the SRC has transitioned from an unlock to lock state or
from a lock state to an unlock state since the last read of this register. Conditions which cause the SRC
to transition states, such as loss of LRCK, SCLK, an LRCK ratio change, or the SRC achieving lock, will
cause this bit to be set. This interrupt bit is an edge-triggered event and will be cleared following a read
of this register.
If this bit is set, indicating a SRC state change condition, and the SRCLockM bit is set, the INT pin will go
active. To determine the current lock state of the SRC, read the SRCLockSt bit in the interrupt status reg-
ister.
PDnAll Setting
Device Power-Down State
0 ..........................................Normal device operation.
1 ..........................................Device power-down enabled.
7
6
5
4
32
10
SRCLock
ADCOvfl
ChOvfl
AmpErr
SRCStateM
ADCOvflM
ChOvflM
AmpErrM
SRCLock Setting
SRC Lock State Change Status
0 ..........................................SRC lock state unchanged since last read of this register.
1 ..........................................SRC lock state changed since last read of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com