Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
DS726PP1
75
CS4525
9.5.4
Foldback Attack Delay (AttackDly[1:0])
Default = 01
Function:
Controls the foldback attack delay. See “Thermal Foldback” on page 40 for more information.
9.5.5
Enable Foldback Floor (EnFloor)
Default = 0
Function:
Controls the foldback attenuation floor feature. See “Thermal Foldback” on page 40 for more information.
9.5.6
Ramp Speed (RmpSpd[1:0])
Default = 11
Function:
Controls the PWM output ramp speed. See “PWM Popguard Transient Control” on page 45 for more in-
formation.
9.6
Mixer / Pre-Scale Configuration (Address 06h)
9.6.1
Pre-Scale Attenuation (PreScale[2:0])
Default = 000
Function:
Controls the pre-scale attenuation level. See “Pre-Scaler” on page 30 for more information.
AttackDly[1:0] Setting
Foldback Attack Time
00 ........................................Approximately 0.5 seconds.
01 ........................................Approximately 1.0 seconds.
10 ........................................Approximately 1.5 seconds.
11.........................................Approximately 2.0 seconds.
EnFloor Setting
Attenuation Floor
0 ..........................................No foldback attenuation floor imposed.
1 ..........................................Maximum foldback attenuation limited to -30 dB.
RmpSpd[1:0] Setting
Ramp Speed
00 ........................................Fastest Ramp Speed
10 ........................................Slowest Ramp Speed
11.........................................Immediate. PWM Popguard Disabled.
7
6
5
432
10
PreScale2
PreScale1
PreScale0
Reserved
RChMix1
RChMix0
LChMix1
LChMix0
PreScale[2:0] Setting
Pre-Scale Attenuation Setting
000 ......................................No pre-scale attenuation applied.
001 ......................................-2.0 dB
010 ......................................-4.0 dB
......................................
100 ......................................-8.0 dB
......................................
111 .......................................-14.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com