Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
50
DS726PP1
CS4525
6.1.9
PWM Modulator Configuration
The CS4525 PWM modulators support flexible configuration options designed to simplify system integra-
tion. Delays may be inserted between the switching edges on adjacent channels to manage noise, and
the PWM switching frequency can be easily modified to eliminate interference with AM tuners.
6.1.9.1
PWM Channel Delay
The CS4525 includes a PWM output signal delay mechanism. This mechanism allows the PWM switching
edges to be offset between channels as a method of managing switching noise and reducing radiated
emissions.
The OutputDly[3:0] bits in the Output Cfg register are used to adjust the channel delay amount from
0 to 15 SYS_CLK or crystal input clock cycles, whichever is used as the input clock source. The absolute
delay time is calculated by multiplying the setting of the OutputDly[3:0] bits by the period of the input clock
source. By default, no delay is inserted.
When the power outputs are configured for 2-channel full-bridge operation, the OUT3/OUT4 signal pair is
delayed from the OUT1/OUT2 signal pair by the delay amount as shown in Figure 20.
When the power outputs are configured for 3-channel (2-channel half-bridge and 1-channel full-bridge)
operation, OUT2 is delayed from OUT1 by the delay amount, and the OUT3/OUT4 pair is delayed from
OUT2 by the delay amount as shown in Figure 21.
The OutputDly[3:0] bits can only be changed when all modulators and associated logic are in the power-
down state by setting the PDnAll bit. Attempts to write these bits while the PDnAll bit is cleared will be
ignored.
Referenced Control
Register Location
OutputDly[3:0] ..................... “Channel Delay Settings (OutputDly[3:0])” on page 73
OUT1
OUT2
tch
dly
OUT3
OUT4
Figure 20. 2-Channel Full-Bridge PWM Output Delay
OUT1
OUT2
tch
dly
tch
dly
OUT3
OUT4
Figure 21. 3-Channel PWM Output Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com