Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
DS726PP1
85
CS4525
function is affected, similar to attenuation changes, by the soft and zero cross bits (SZCMode[1:0]). See
“Volume and Muting Control” on page 36 for more information.
9.15.6 Sub Channel Mute (MuteSub)
Default = 0
Function:
The sub channel’s power PWM, logic-level PWM, and auxiliary serial data outputs will enter a mute state
when enabled. The muting function is affected, similar to attenuation changes, by the soft and zero cross
bits (SZCMode[1:0]). See “Volume and Muting Control” on page 36 for more information.
9.16 Limiter Configuration 1 (Address 5Ch)
9.16.1 Maximum Threshold (Max[2:0])
Default = 000
Function:
Sets the maximum level, below full scale, at which to limit and attenuate the output signal at the limiter
attack rate.
9.16.2 Minimum Threshold (Min[2:0])
Default = 000
Function:
Sets a minimum level below full scale at which the limiter will begin to release its applied attenuation.
MuteChX Setting
Channel X PWM Mute State
0 ..........................................Channel X PWM outputs un-muted.
1 ..........................................Channel X PWM outputs muted.
MuteSub Setting
Sub Channel PWM Mute State
0 ..........................................Sub channel PWM outputs un-muted.
1 ..........................................Sub channel PWM outputs muted.
7
6
5
432
10
Max2
Max1
Max0
Min2
Min1
Min0
LimitAll
EnLimiter
Max[2:0] Setting
Maximum Threshold Setting
000 ......................................0.0 dB
001 ......................................-3.0 dB
010 ......................................-6.0 dB
011.......................................-9.0 dB
100 ......................................-12.0 dB
101 ......................................-18.0 dB
110.......................................-24.0 dB
111 .......................................-30.0 dB
Min[2:0] Setting
Minimum Threshold Setting
000 ......................................0.0 dB
001 ......................................-3.0 dB
010 ......................................-6.0 dB
011.......................................-9.0 dB
100 ......................................-12.0 dB
101 ......................................-18.0 dB
110.......................................-24.0 dB
111 .......................................-30.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com