Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
DS726PP1
33
CS4525
6.1.4.6
Parametric EQ
The CS4525 implements 5 fully programmable parametric EQ filters.
The filters are implemented in the bi-quad form shown below.
This architecture is represented by the equation shown below where y[n] represents the output sample
value and x[n] represents the input sample value.
Equation 1. Bi-Quad Filter Equation
The coefficients are represented in binary form by 24-bit signed values stored in 3.21 two’s complement
format. The 3 MSB’s represent the sign bit and the whole-number portion of the decimal coefficient, and
the 21 LSB’s represent the fractional portion of the decimal coefficient. The coefficient values must be in
the range of -4.00000 decimal (80 00 00 hex) to 3.99996 decimal (7F FF FF hex).
The binary coefficient values are stored in registers 0Ah - 54h. Each 24-bit coefficient is split into 3 bytes,
each of which is mapped to an individually accessible register location. See the “Register Quick Refer-
ence” section beginning on page 66 for the specific register locations for each coefficient.
By default, all b0 coefficients are set to 1 decimal, and all other coefficients are set to 0 decimal. This im-
plements a pass-through function.
The parametric equalizers be independently enabled and disabled for channels A and B with the En-
ChAPEq and EnChBPEq bits located in the EQ Config register.
Referenced Control
Register Location
EnChAPEq .......................... “Enable Channel A Parametric EQ (EnChAPEq)” on page 79
EnChBPEq .......................... “Enable Channel B Parametric EQ (EnChBPEq)” on page 79
b0
b1
b2
a1
a2
Z -1
Z -1
Z -1
Z -1
x[n]
y[n]
Figure 16. Bi-Quad Filter Architecture
y[n] = b0x[n] + b1x[n-1] + b2x[n-2] + a1y[n-1] + a2y[n-2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com