Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
84
DS726PP1
CS4525
9.15 Mute/Invert Control (Address 5Bh)
9.15.1 ADC Invert Signal Polarity (InvADC)
Default = 0
Function:
When set, the signal polarity of the ADC will be inverted.
9.15.2 Invert Channel PWM Signal Polarity (InvChX)
Default = 0
Function:
When set, the respective channel’s power and logic-level PWM output signal polarity will be inverted. The
serial output on the auxiliary and delay ports are unaffected.
9.15.3 Invert Sub PWM Signal Polarity (InvSub)
Default = 0
Function:
When set, the Sub channel’s power and logic-level PWM output polarity will be inverted. The serial output
on the auxiliary port is unaffected.
9.15.4 ADC Channel Mute (MuteADC)
Default = 0
Function:
The output of the ADC will mute when enabled.
9.15.5 Independent Channel A & B Mute (MuteChX)
Default = 0
Function:
The respective channel’s power PWM, logic-level PWM, and auxiliary serial data outputs will enter a mute
state when enabled. The delay serial output will be unaffected if the delay port is enabled. The muting
76
543
21
0
InvADC
InvSub
InvCh2
InvCh1
MuteADC
MuteSub
MuteChB
MuteChA
InvADC Setting
ADC Signal Inversion State
0 ..........................................ADC signal polarity not inverted.
1 ..........................................ADC signal polarity inverted.
InvChX Setting
Channel X PWM Signal Inversion State
0 ..........................................Channel X PWM signal polarity not inverted.
1 ..........................................Channel X PWM signal polarity inverted.
InvSub Setting
Sub Channel PWM Signal Inversion State
0 ..........................................Sub channel PWM signal polarity not inverted.
1 ..........................................Sub channel PWM signal polarity inverted.
MuteADC Setting
ADC Mute State
0 ..........................................ADC un-muted.
1 ..........................................ADC muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com