Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
DS726PP1
21
CS4525
SERIAL AUDIO INPUT PORT SWITCHING SPECIFICATIONS
AGND = DGND = PGND = 0 V; TA = 25°C; VD = 3.3 V; Inputs: Logic 0 = DGND; Logic 1 = VD.
Notes:
8. FCLK is the frequency of the crystal connected to the XTI/XTO pins or the input SYS_CLK signal.
9. Nbits is the number of bits per sample of the serial digital input.
10. After powering up the CS4525, RST should be held low until the power supplies and clocks are stable.
Parameters
Symbol
Min
Nominal
Max
Units
Supported Input Sample Rates
FSI
28.5
39.5
39.5
86.4
32
44.1
48
96
35.2
52.8
52.8
105.6
kHz
kHz
kHz
kHz
LRCK Duty Cycle
45
-
55
%
SCLK Frequency
(Note 8),(Note 9)
1/tp
FSI*2*Nbits
-FCLK/3
Hz
SCLK Duty Cycle
45
-
55
%
LRCK Setup Time Before SCLK Rising Edge
ts(LK-SK)
40
-
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
25
-
-
ns
SDIN Hold Time After SCLK Rising Edge
th
10
-
-
ns
RST pin Low Pulse Width
(Note 10)
1-
-
ms
//
//
//
//
//
//
t
s(SD-SK)
MSB
MSB-1
LRCK
SCLK
SDIN
t
r
t
f
t
s(LK-SK)
t
P
t
h
Figure 7. Serial Audio Input Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com