Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4525 Datasheet HTML 1Page - Cirrus Logic CS4525 Datasheet HTML 2Page - Cirrus Logic CS4525 Datasheet HTML 3Page - Cirrus Logic CS4525 Datasheet HTML 4Page - Cirrus Logic CS4525 Datasheet HTML 5Page - Cirrus Logic CS4525 Datasheet HTML 6Page - Cirrus Logic CS4525 Datasheet HTML 7Page - Cirrus Logic CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
30 W Digital Audio Amplifier with Integrated ADC
Digital Amplifier Features
Fully Integrated Power MOSFETs
No Heatsink Required
– Programmable Power Foldback on
Thermal Warning
– High Efficiency
> 100 dB Dynamic Range
< 0.1% THD+N @ 1 W
Configurable Outputs (10% THD+N)
– 1 x 30 W into 4
Ω, Parallel Full-Bridge
– 2 x 15 W into 8
Ω, Full-Bridge
– 2 x 7 W into 4
Ω, Half-Bridge + 1 x 15 W
into 8
Ω, Full-Bridge
Built-In Protection with Error Reporting
– Overcurrent/Undervoltage/Thermal
Overload Shutdown
– Thermal Warning Reporting
PWM Popguard® for Half-Bridge Mode
Click-Free Start-Up
Programmable Channel Delay for System
Noise & Radiated Emissions Management
ADC Features
Stereo, 24-bit, 48 kHz Conversion
Multi-bit Architecture
95 dB Dynamic Range (A-wtd)
-86 dB THD+N
Supports 2 Vrms Input with Passive
Components
System Features
Asynchronous 2-Channel Digital Serial Port
32 kHz to 96 kHz Input Sample Rates
Operation with On-Chip Oscillator Driver or
Applied SYS_CLK at 18.432, 24.576 or
27.000 MHz
Integrated Sample Rate Converter (SRC)
– Eliminates Clock-Jitter Effects
– Input Sample Rate Independent Operation
– Simplifies System Integration
Spread Spectrum PWM Modulation
– Reduces EMI Radiated Energy
Low Quiescent Current
(Features continued on page 2)
VP
Amplifier
Out 1
Amplifier
Out 2
PGND
Amplifier
Out 3
Amplifier
Out 4
Stereo
Analog In
PWM Modulator
Output 2
PWM Modulator
Output 1
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
Multi-bit
ΔΣ
Modulator
with
Integrated
Sample Rate
Converter
Audio
Processing
Parametric EQ
High-Pass
Bass/Treble
Adaptive
2-Ch Mixer
2.1 Bass Mgr
Linkwitz-Riley
Crossover
De-Emphasis
Serial Audio
Clocks & Data
Serial Audio
Data I/O
Serial Audio
Clocks & Data
Serial Audio Input Port
Multi-bit
ΔΣ ADC
Volume
Crystal Driver
I/O
System Clock
Crystal Oscillator Driver
Register /Hardware
Configuration
I²C or Hardware
Configuration
Reset
Interrupt
Error Protection
Thermal Warning
Over Current
Thermal Feedback
Under Voltage
HP Detect/Mute
PWM
2.5 V to 5 V
8 V to 18 V
Auxiliary Serial Port
Serial Audio
Delay Interface
Loudness
Compensation
AUGUST '07
DS726PP1
CS4525


Similar Part No. - CS4525

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 91P
30 W Digital TV Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
CS4525-CNZ CIRRUS-CS4525-CNZ Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
CS4525-CNZR CIRRUS-CS4525-CNZR Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
More results

Similar Description - CS4525

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
30 W BTL audio power amplifier
logo
Cirrus Logic
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 91P
30 W Digital TV Amplifier with Integrated ADC
logo
Texas Instruments
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
20-W Stereo Digital Audio Power Amplifier With Feedback
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5704PAPR TI1-TAS5704PAPR Datasheet
1Mb / 39P
20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5731M TI1-TAS5731M Datasheet
1Mb / 68P
2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
logo
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com