Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 44Page - Cirrus Logic CS8416-CSZ Datasheet HTML 45Page - Cirrus Logic CS8416-CSZ Datasheet HTML 46Page - Cirrus Logic CS8416-CSZ Datasheet HTML 47Page - Cirrus Logic CS8416-CSZ Datasheet HTML 48Page - Cirrus Logic CS8416-CSZ Datasheet HTML 49Page - Cirrus Logic CS8416-CSZ Datasheet HTML 50Page - Cirrus Logic CS8416-CSZ Datasheet HTML 51Page - Cirrus Logic CS8416-CSZ Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
DS578F3
CS8416
Control4 Register (04h)
RUN
= 1
RXD
= 0
RX_SEL[2]
= 0
RX_SEL[1:0]
= RX_SEL[1:0] pins.
TX_SEL[2]
= 0
TX_SEL[1:0]
= TX_SEL[1:0] pins.
Serial Audio Data Format Register (05h)
SOMS
= set by RCBL pull-up/down after reset.
bits[6:0]
= Set by pull-up/down on AUDIO & C after reset. See Table 5 for bit settings.
Receiver Error Mask register (06h)
QCRCM
= 0
CRCM
= 0
UNLOCKM
= 1
CONFM
= 1
BIPM
= 1
PARM
= 1
VM
= set by NV/RERR pull-up/down after reset.
Registers 07h through 7Fh do not have Hardware Mode equivalent settings.
Serial Format Select [1:0]
SOSF
SORES[1:0]
SOJUST
SODEL
SOSPOL SOLRPOL
00 (Left-Justified 24-bit)
0
00
0
0
0
0
01(I²S 24 bit)
0
00
0
1
0
1
10 (Right-Justified 24-bit)
0
00
1
0
0
0
11 (Direct AES3)
0
11
0
0
0
0
Table 5. Hardware Mode Serial Audio Format Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com