Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 35Page - Cirrus Logic CS8416-CSZ Datasheet HTML 36Page - Cirrus Logic CS8416-CSZ Datasheet HTML 37Page - Cirrus Logic CS8416-CSZ Datasheet HTML 38Page - Cirrus Logic CS8416-CSZ Datasheet HTML 39Page - Cirrus Logic CS8416-CSZ Datasheet HTML 40Page - Cirrus Logic CS8416-CSZ Datasheet HTML 41Page - Cirrus Logic CS8416-CSZ Datasheet HTML 42Page - Cirrus Logic CS8416-CSZ Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DS578F3
39
CS8416
14.5 Control3 (03h)
GPO1SEL[3:0]
– GPO1 Source select. See “General Purpose Outputs” on page 29.
Default = ‘0000’
GPO2SEL[3:0]
– GPO2 Source select. See “General Purpose Outputs” on page 29.
Default = ‘0000’
14.6 Control4 (04h)
RUN
- Controls the internal clocks, allowing the CS8416 to be placed in a “powered down”, low current con-
sumption state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static control port is
operational, allowing registers to be read or changed. Power consumption is low.
1 - Normal part operation. This bit must be written to the 1 state to allow the CS8416 to begin operation. All
input clocks should be stable in frequency and phase when RUN is set to 1.
RXD
– RMCK Control
Default = ‘0’
0 -RMCK is an output, Clock is derived from input frame rate.
1 – RMCK becomes high impedance. The output of OSCLK, OLRCK, and SDOUT are indeterminate.
RX_SEL[2:0]
– Selects RXP0 to RXP7 for input to the receiver
Default =’000’
000 – RXP0
001 – RXP1, etc
7
6
5
4
3210
GPO1SEL3
GPO1SEL2
GPO1SEL1
GPO1SEL0
GPO2SEL3
GPO2SEL2
GPO2SEL1
GPO2SEL0
76543210
RUN
RXD
RXSEL2
RXSEL1
RXSEL0
TXSEL2
TXSEL1
TXSEL0
Figure 14. De-Emphasis Filter Response
F2
F1
-10
3.183
Frequency,
KHz
T1 =
50us
0
10.61
Gain,
dB
T2
=15us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com