Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 25Page - Cirrus Logic CS8416-CSZ Datasheet HTML 26Page - Cirrus Logic CS8416-CSZ Datasheet HTML 27Page - Cirrus Logic CS8416-CSZ Datasheet HTML 28Page - Cirrus Logic CS8416-CSZ Datasheet HTML 29Page - Cirrus Logic CS8416-CSZ Datasheet HTML 30Page - Cirrus Logic CS8416-CSZ Datasheet HTML 31Page - Cirrus Logic CS8416-CSZ Datasheet HTML 32Page - Cirrus Logic CS8416-CSZ Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
DS578F3
29
CS8416
9. GENERAL PURPOSE OUTPUTS
Three General Purpose Outputs (GPO) are provided to allow the equipment designer flexibility in configuring the
CS8416. Fourteen signals are available to be routed to any of the GPO pins. The outputs of the GPO pins are set
through the GPOxSEL[3:0] bits in the Control2 (02h) and Control3 (03h) registers. All GPO pins default to GND
after reset.
GPO pins may be configured to provide the following data:
Notes:
1. Frequency = 25 MHz Max, duty cycle not guaranteed, target duty cycle = 50% @ FS = 48 kHz.
Function
Code
Definition
GND
0000
Fixed low level
EMPH
0001
State of EMPH bit in the incoming data stream.
INT
0010
CS8416 interrupt output
C
0011
Channel status bit
U
0100
User data bit
RERR
0101
Receiver Error
NVERR
0110
Non-Validity Receiver Error
RCBL
0111
Receiver Channel Status Block
96KHZ
1000
If the input sample rate is
≤ 48 kHz, outputs a “0”. Outputs a “1” if the sample rate is ≥ 88.1 kHz.
Otherwise the output is indeterminate.
AUDIO
1001
Non-audio indicator for decoded input stream
VLRCK
1010
Virtual LRCK. Can be used to frame the C and U output data.
TX
1011
Pass through of AES/SPDIF input selected by TXSEL[2:0] in the Control 4 register (04h)
VDD
1100
VDD fixed high level
HRMCK
1101
FS X 512 (Note 1)
Codes 1110 to 1111 - Reserved
Table 3. GPO Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com