Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 22Page - Cirrus Logic CS8416-CSZ Datasheet HTML 23Page - Cirrus Logic CS8416-CSZ Datasheet HTML 24Page - Cirrus Logic CS8416-CSZ Datasheet HTML 25Page - Cirrus Logic CS8416-CSZ Datasheet HTML 26Page - Cirrus Logic CS8416-CSZ Datasheet HTML 27Page - Cirrus Logic CS8416-CSZ Datasheet HTML 28Page - Cirrus Logic CS8416-CSZ Datasheet HTML 29Page - Cirrus Logic CS8416-CSZ Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
DS578F3
CS8416
7.2
AES11 Behavior
When OLRCK is configured as a master, the positive or negative edge of OLRCK (depending on the setting
of SOLRPOL in register 05h) will be within -1.0%(1/Fs) to 1.1%(1/Fs) from the start of the preamble X/Z. In
master mode, the latency through the part is dependent on the input sample frequency. The typical delay
through the part from the beginning of the preamble to the active edge of OLRCK for the various sample
frequencies is given in Table 1. In master mode without the de-emphasis filter engaged, the latency of the
audio data will be 3 frames.
When OLRCK is configured as a slave, any synchronized input within +/-28%(1/Fs) from the positive or neg-
ative edge of OLRCK (depending on the setting of SOLRPOL in register 05h) will be treated as being sam-
pled at the same time. Since the CS8416 has no control of the OLRCK in slave mode, the latency of the
data through the part will be a multiple of 1/Fs plus the delay between OLRCK and the preambles.
Both of these conditions are within the tolerance range set forth in the AES11 standard.
Fs (kHz)
Delay (ns)
32
98.0
44.1
80.5
48
78.0
64
67.0
96
57.5
192
47.0
Table 1. Typical Delays by Frequency Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com