Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 3Page - Cirrus Logic CS8416-CSZ Datasheet HTML 4Page - Cirrus Logic CS8416-CSZ Datasheet HTML 5Page - Cirrus Logic CS8416-CSZ Datasheet HTML 6Page - Cirrus Logic CS8416-CSZ Datasheet HTML 7Page - Cirrus Logic CS8416-CSZ Datasheet HTML 8Page - Cirrus Logic CS8416-CSZ Datasheet HTML 9Page - Cirrus Logic CS8416-CSZ Datasheet HTML 10Page - Cirrus Logic CS8416-CSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
DS578F3
7
CS8416
DC ELECTRICAL CHARACTERISTICS
(AGND = DGND = 0 V; all voltages with respect to 0 V.)
Notes:
2. Power-Down Mode is defined as RST = LO with all clocks and data lines held static.
3. Normal operation is defined as RST = HI.
4. Assumes that no inputs are floating. It is recommended that all inputs be driven high or low at all times.
DIGITAL INPUT CHARACTERISTICS
(AGND = DGND = 0 V; all voltages with respect to 0 V.)
DIGITAL INTERFACE SPECIFICATIONS
(AGND = DGND = 0 V; all voltages with respect to 0 V.)
Parameters
Symbol
Min
Typ
Max
Units
Power-Down Mode
(Notes 2, 4)
Supply Current in power-down
VA
VD
VL = 3.3 V
VL = 5.0 V
IA
ID
IL
IL
-
-
-
-
10
70
10
12
-
-
-
-
μA
μA
μA
μA
Normal Operation
(Notes 3, 4)
Supply Current at 48 kHz frame rate
VA
VD
VL = 3.3 V
VL = 5.0 V
IA
ID
IL
IL
-
-
-
-
5.7
5.9
2.8
4.2
-
-
-
-
mA
mA
mA
mA
Supply Current at 192 kHz frame rate
VA
VD
VL = 3.3 V
VL = 5.0 V
IA
ID
IL
IL
-
-
-
-
9.4
23
7.8
11.8
-
-
-
-
mA
mA
mA
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
IIN
--
±0.5
μA
Differential Input Sensitivity, RXP[7:0] to RXN
VTH
-
150
200
mVpp
Input Hysteresis
VH
0.15
-
1.0
V
Parameters
Symbol
Min
Max
Units
High-Level Output Voltage (IOH = -3.2 mA)
VOH
(VL) - 1.0
-
V
Low-Level Output Voltage (IOL = 3.2 mA)
VOL
-0.5
V
High-Level Input Voltage, except RXP[7:0], RXN
VIH
2.0
(VL) + 0.3
V
Low-Level Input Voltage, except RXP[7:0], RXN
VIL
-0.3
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com