Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 6Page - Cirrus Logic CS8416-CSZ Datasheet HTML 7Page - Cirrus Logic CS8416-CSZ Datasheet HTML 8Page - Cirrus Logic CS8416-CSZ Datasheet HTML 9Page - Cirrus Logic CS8416-CSZ Datasheet HTML 10Page - Cirrus Logic CS8416-CSZ Datasheet HTML 11Page - Cirrus Logic CS8416-CSZ Datasheet HTML 12Page - Cirrus Logic CS8416-CSZ Datasheet HTML 13Page - Cirrus Logic CS8416-CSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
DS578F3
CS8416
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes:
12. If Fs is lower than 46.875 kHz, the maximum CCLK frequency should be less than 128 Fs. This is dic-
tated by the timing requirements necessary to access the Channel Status memory. Access to the con-
trol register file can be carried out at the full 6 MHz rate. The minimum allowable input sample rate is
32 kHz, so choosing CCLK to be less than or equal to 4.1 MHz should be safe for all possible conditions.
13. Data must be held for sufficient time to bridge the transition time of CCLK.
14. For fsck <1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
(Note 12)
fsck
06.0
MHz
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 13)
tdh
15
-
ns
CCLK Falling to CDOUT Stable
tpd
-50
ns
Rise Time of CDOUT
tr1
-25
ns
Fall Time of CDOUT
tf1
-25
ns
Rise Time of CCLK and CDIN
(Note 14)
tr2
-100
ns
Fall Time of CCLK and CDIN
(Note 14)
tr2
-100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 3. SPI Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com