Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 52Page - Cirrus Logic CS8416-CSZ Datasheet HTML 53Page - Cirrus Logic CS8416-CSZ Datasheet HTML 54Page - Cirrus Logic CS8416-CSZ Datasheet HTML 55Page - Cirrus Logic CS8416-CSZ Datasheet HTML 56Page - Cirrus Logic CS8416-CSZ Datasheet HTML 57Page - Cirrus Logic CS8416-CSZ Datasheet HTML 58Page - Cirrus Logic CS8416-CSZ Datasheet HTML 59Page - Cirrus Logic CS8416-CSZ Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
58
DS578F3
CS8416
28-PIN QFN (5
× 5 MM BODY) PACKAGE DRAWING
Notes:
1. Dimensioning and tolerance per ASME Y 14.5M-1995.
2. Dimensioning lead width applies to the plated terminal and is measured between 0.23mm and 0.28mm
from the terminal tip.
QFN THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
0.0394
--
--
1.00
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0071
0.0091
0.0118
0.18
0.23
0.30
1,2
D
0.1969 BSC
5.00 BSC
1
D2
0.1220
0.1240
0.1260
3.10
3.15
3.20
1
E
0.1969 BSC
5.00 BSC
1
E2
0.1220
0.1240
0.1260
3.10
3.15
3.20
1
e
0.0197 BSC
0.50 BSC
1
L
0.0197
0.0236
0.0276
0.50
0.60
0.70
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
-
-
130
37
-
-
°C/Watt
°C/Watt
Side View
A
A1
D2
L
b
e
Pin #1 Corner
Bottom View
Top View
Pin #1 Corner
D
E
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com