Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 14Page - Cirrus Logic CS8416-CSZ Datasheet HTML 15Page - Cirrus Logic CS8416-CSZ Datasheet HTML 16Page - Cirrus Logic CS8416-CSZ Datasheet HTML 17Page - Cirrus Logic CS8416-CSZ Datasheet HTML 18Page - Cirrus Logic CS8416-CSZ Datasheet HTML 19Page - Cirrus Logic CS8416-CSZ Datasheet HTML 20Page - Cirrus Logic CS8416-CSZ Datasheet HTML 21Page - Cirrus Logic CS8416-CSZ Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
DS578F3
CS8416
3.2
QFN Pin Description
Pin Name
Pin #
Pin Description
VA
3
Analog Power (Input) - Analog power supply. Nominally +3.3 V. This supply should have as little
noise as possible since noise on this pin will directly affect the jitter performance of the recovered
clock
VD
20
Digital Power (Input) – Digital core power supply. Nominally +3.3 V
VL
18
Logic Power (Input) – Input/Output power supply. Nominally +3.3 V or +5.0 V
AGND
4
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be
connected to a common ground area under the chip.
DGND
19
Digital & I/O Ground (Input) - Ground for the I/O and core logic. AGND and DGND should be con-
nected to a common ground area under the chip.
RST
6
Reset (Input) - When RST is low, the CS8416 enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks
are stable in frequency and phase.
FILT
5
PLL Loop Filter (Output) - An RC network should be connected between this pin and analog
ground.
For minimum PLL jitter, return the ground end of the filter network directly to AGND. See “PLL Filter”
on page 53 for more information on the PLL and the external components.
RXP0
RXP1
RXP2
RXP3
1
28
27
26
Positive AES3/SPDIF Input (Input) - Single-ended or differential receiver inputs carrying AES3 or
S/PDIF encoded digital data. The RXP[3:0] inputs comprise the 4:2 S/PDIF Input Multiplexer. The
select line control is accessed using the RXPSEL[1:0] pins. Unused multiplexer inputs should be left
floating or tied to AGND. See “External AES3/SPDIF/IEC60958 Receiver Components” on page 49
for recommended input circuits.
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Top-Down View
28-pin QFN Package
Thermal Pad
RXP0
RXN
VA
AGND
FILT
RST
RXSEL1
RMCK
VD
DGND
VL
TX
C
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com