Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 49Page - Cirrus Logic CS8416-CSZ Datasheet HTML 50Page - Cirrus Logic CS8416-CSZ Datasheet HTML 51Page - Cirrus Logic CS8416-CSZ Datasheet HTML 52Page - Cirrus Logic CS8416-CSZ Datasheet HTML 53Page - Cirrus Logic CS8416-CSZ Datasheet HTML 54Page - Cirrus Logic CS8416-CSZ Datasheet HTML 55Page - Cirrus Logic CS8416-CSZ Datasheet HTML 56Page - Cirrus Logic CS8416-CSZ Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
DS578F3
53
CS8416
18.PLL FILTER
18.1 General
An on-chip Phase Locked Loop (PLL) is used to recover the clock from the incoming data stream. Figure 23
is a simplified diagram of the PLL. When the PLL is locked to an bi-phase encoded input stream, it is updat-
ed at each preamble in the bi-phase encoded stream. This occurs at twice the sampling frequency, FS.
There are some applications where low jitter in the recovered clock, presented on the RMCK pin, is impor-
tant. For this reason, the PLL has been designed to have good jitter attenuation characteristics, as shown
in Figure 25. In addition, the PLL has been designed to only use the preambles (PDUR=0) of the bi-phase
encoded stream to provide lock update information to the PLL. This results in the PLL being immune to data
dependent jitter affects because the preambles do not vary with the data.
The PLL has the ability to lock onto a wide range of input sample rates with no external component changes.
If the sample rate of the input subsequently changes, for example in a varispeed application, the PLL will
only track up to ±12.5% from the nominal center sample rate. The nominal center sample rate is the sample
rate that the PLL first locks onto upon application of an bi-phase encoded data stream or after enabling the
CS8416 clocks by setting the RUN control bit. If the 12.5% sample rate limit is exceeded, the PLL will return
to its wide lock range mode and re-acquire a new nominal center sample rate.
18.2 External Filter Components
18.2.1 General
The PLL behavior is affected by the external filter component values. Figures 5 and 6 shows the recom-
mended configuration of the two capacitors and one resistor that comprise the PLL filter. In Table 6, the
component values shown have a high corner frequency jitter attenuation curve, take a short time to lock,
and offer good output jitter performance. Lock times are worst case for an Fsi transition of 192 kHz.
It is important to treat the PLL FLT pin as a low-level analog input. It is suggested that the ground end of
the PLL filter be returned directly to the AGND pin independently of the ground plane.
Phase
Comparator
and Charge Pump
÷N
VCO
RMCK
INPUT
C
RIP
C
FLT
R
FLT
Figure 23. PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com