Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 39Page - Cirrus Logic CS8416-CSZ Datasheet HTML 40Page - Cirrus Logic CS8416-CSZ Datasheet HTML 41Page - Cirrus Logic CS8416-CSZ Datasheet HTML 42Page - Cirrus Logic CS8416-CSZ Datasheet HTML 43Page - Cirrus Logic CS8416-CSZ Datasheet HTML 44Page - Cirrus Logic CS8416-CSZ Datasheet HTML 45Page - Cirrus Logic CS8416-CSZ Datasheet HTML 46Page - Cirrus Logic CS8416-CSZ Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
DS578F3
43
CS8416
DTS_CD
– DTS_CD data was detected.
Reserved
– This bit may change state depending on the input audio data.
DGTL_SIL
– Digital Silence was detected: at least 2047 consecutive constant samples of the same 24-bit
audio data on both channels.
96KHZ
– If the input sample rate is
≤ 48 kHz, outputs a “0”. Outputs a “1” if the sample rate is ≥ 88.1 kHz.
Otherwise the output is indeterminate.
14.13 Receiver Error (0Ch)
This register contains the AES3 receiver and PLL status bits. Unmasked bits will go high on occurrence of
the error, and will stay high until the register is read. Reading the register resets all bits to 0, unless the error
source is still true. Bits that are masked off in the receiver error mask register will always be 0 in this register.
QCRC
- Q-subcode data CRC error indicator. Updated on Q-subcode block boundaries
0 - No error.
1 - Error.
CCRC
- Channel Status Block Cyclic Redundancy Check bit. Updated on CS block boundaries, valid in Pro
mode
0 - No error.
1 - Error.
UNLOCK
- PLL lock status bit. Updated on CS block boundaries.
0 - PLL locked.
1 - PLL out of lock.
V
- Received AES3 Validity bit status. Updated on sub-frame boundaries.
0 - Data is valid and is normally linear coded PCM audio.
1 - Data is invalid, or may be valid compressed audio.
CONF
- Confidence bit. Updated on sub-frame boundaries.
0 - No error.
1 - Confidence error. The logical OR of UNLOCK and BIP. The input data stream may be near error condi-
tion due to jitter degradation.
BIP
- Bi-phase error bit. Updated on sub-frame boundaries.
0 - No error.
1 - Bi-phase error. This indicates an error in the received bi-phase coding.
PAR
- Parity bit. Updated on sub-frame boundaries.
0 - No error.
1 - Parity error.
76543210
0
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com