Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 7Page - Cirrus Logic CS8416-CSZ Datasheet HTML 8Page - Cirrus Logic CS8416-CSZ Datasheet HTML 9Page - Cirrus Logic CS8416-CSZ Datasheet HTML 10Page - Cirrus Logic CS8416-CSZ Datasheet HTML 11Page - Cirrus Logic CS8416-CSZ Datasheet HTML 12Page - Cirrus Logic CS8416-CSZ Datasheet HTML 13Page - Cirrus Logic CS8416-CSZ Datasheet HTML 14Page - Cirrus Logic CS8416-CSZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DS578F3
11
CS8416
SWITCHING CHARACTERISTICS - CONTROL PORT- I²C FORMAT
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes:
15. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 15)
thdd
10
-
ns
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
tr
-
1000
ns
Fall Time SCL and SDA
tf
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
t buf
t hdst
t hdst
t
low
t r
t f
t
hdd
t high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
Figure 4. I²C Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com