Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 34Page - Cirrus Logic CS8416-CSZ Datasheet HTML 35Page - Cirrus Logic CS8416-CSZ Datasheet HTML 36Page - Cirrus Logic CS8416-CSZ Datasheet HTML 37Page - Cirrus Logic CS8416-CSZ Datasheet HTML 38Page - Cirrus Logic CS8416-CSZ Datasheet HTML 39Page - Cirrus Logic CS8416-CSZ Datasheet HTML 40Page - Cirrus Logic CS8416-CSZ Datasheet HTML 41Page - Cirrus Logic CS8416-CSZ Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
DS578F3
CS8416
RMCKF
– Recovered Master Clock Frequency
Default = ‘0’
0 – RMCK output frequency is 256*FS.
1 – RMCK output frequency is 128*FS.
CHS
– Sets which channel's C data is decoded in the Receiver Channel Status register (0Ah).
Default = ‘0’
0 – A channel.
1 – B channel.
If CHS = 0 and TRUNC = 1, both channels' audio data will be truncated by the AUX[3:0] bits indicated in the
channel A Channel Status data. If CHS = 1 and TRUNC = 1, both channels' audio data will be truncated by
the AUX[3:0] bits indicated in the channel B Channel Status data. This will occur even if the AUX[3:0] bits
indicated in the channel A Channel Status data are not equal to the AUX[3:0] bits indicated in the channel
B Channel Status data.
14.4 Control2 (02h)
DETCI
– D to E status transfer inhibit
Default = ‘0’
0 – Allow update.
1 – Inhibit update.
EMPH_CNTL[2:0]
– De-emphasis filter control. See Figure 14 for De-emphasis filter response.
Default = ‘000’
000 – If the serial audio output port is using the AES3 direct-output format, the de-emphasis filter must re-
main off.
001 – 32 kHz setting.
010 – 44.1 kHz setting.
011 – 48 kHz setting.
100 – 50
μs/15 μs de-emphasis filter auto-select on. Coefficients (32, 44.1 or 48 kHz or no de-emphasis fil-
ter at all) match the pre-emphasis and sample frequency indicators in the channel status bits of Channel A.
Thus it is impossible to have de-emphasis applied to one channel but not the other. The de-emphasis filter
is turned off if the audio data is detected to be non-audio data.
GPO0SEL[3:0]
– GPO0 Source select. See “General Purpose Outputs” on page 29.
Default = ‘0000’
76543210
DETCI
EMPH_CNTL2 EMPH_CNTL1 EMPH_CNTL0 GPO0SEL3
GPO0SEL2
GPO0SEL1
GPO0SEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com