Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 30Page - Cirrus Logic CS8416-CSZ Datasheet HTML 31Page - Cirrus Logic CS8416-CSZ Datasheet HTML 32Page - Cirrus Logic CS8416-CSZ Datasheet HTML 33Page - Cirrus Logic CS8416-CSZ Datasheet HTML 34Page - Cirrus Logic CS8416-CSZ Datasheet HTML 35Page - Cirrus Logic CS8416-CSZ Datasheet HTML 36Page - Cirrus Logic CS8416-CSZ Datasheet HTML 37Page - Cirrus Logic CS8416-CSZ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
DS578F3
CS8416
12.2 I²C Mode
In I²C Mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL. There
is no CS pin. Pins AD0 and AD1 form the two least significant bits of the chip address and should be con-
nected through a resistor to VL or DGND as desired. The GPO2 pin is used to set the AD2 bit by connecting
a 47 k
Ω resistor from the GPO2 pin to VL or to DGND. The states of the pins are sensed while the CS8416
is being reset.
The signal timings for a read and write cycle are shown in Figures 12 and 13. A Start condition is defined
as a falling transition of SDA while the clock is high. A Stop condition is a rising transition while the clock is
high. All other transitions of SDA occur while the clock is low. The first byte sent to the CS8416 after a Start
condition consists of a 7-bit chip address field and a R/W bit (high for a read, low for a write). The upper 4
bits of the 7-bit address field are fixed at 0010. To communicate with a CS8416, the chip address field, which
is the first byte sent to the CS8416, should match 0010 followed by the settings of the AD2, AD1, and AD0
pins. The eighth bit of the address is the R/W bit. If the operation is a write, the next byte includes the Mem-
ory Address Pointer (MAP) which selects the register to be read or written. If the operation is a read, the
contents of the register pointed to by the MAP will be output. The MAP automatically increments, so data
from successive registers will appear consecutively. Each byte is separated by an acknowledge bit (ACK).
The ACK bit is output from the CS8416 after each input byte is read, and is input to the CS8416 from the
microcontroller after each transmitted byte.
Note that the read operation can not set the MAP, so an aborted write operation is used as a preamble. As
shown in Figure 13, the write operation is aborted after the acknowledge for the MAP byte by sending a stop
condition.
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
0 0 1 0 AD2 AD1 AD0 0
SDA
6 5 4 3 2 1 0
7
6
1 0
7
6
1 0
7 6
1 0
0
1
2
3
8
9
12
16 17 18 19
10 11
13 14 15
27 28
26
DATA +n
0
Figure 12. Control Port Timing, I²C Slave Mode Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
SDA
CHIP ADDRESS (READ)
START
6
5
4
3 2 1 0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18 19
25
ACK
DATA + n
STOP
0 0 1 0 AD2 AD1 AD0 0
0 0 1 0 AD2 AD1 AD0 1
0
Figure 13. Control Port Timing, I²C Slave Mode Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com