Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 50Page - Cirrus Logic CS8416-CSZ Datasheet HTML 51Page - Cirrus Logic CS8416-CSZ Datasheet HTML 52Page - Cirrus Logic CS8416-CSZ Datasheet HTML 53Page - Cirrus Logic CS8416-CSZ Datasheet HTML 54Page - Cirrus Logic CS8416-CSZ Datasheet HTML 55Page - Cirrus Logic CS8416-CSZ Datasheet HTML 56Page - Cirrus Logic CS8416-CSZ Datasheet HTML 57Page - Cirrus Logic CS8416-CSZ Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
54
DS578F3
CS8416
18.2.2 Capacitor Selection
The type of capacitors used for the PLL filter can have a significant effect on receiver performance. Large
or exotic film capacitors are not necessary as their leads and the required longer circuit board traces add
undesirable inductance to the circuit. Surface mount ceramic capacitors are a good choice because their
own inductance is low, and they can be mounted close to the FILT pin to minimize trace inductance. For
CRIP, a C0G or NPO dielectric is recommended, and for CFLT, an X7R dielectric is preferred. Avoid ca-
pacitors with large temperature co-coefficient, or capacitors with high dielectric constants, that are sensi-
tive to shock and vibration. These include the Z5U and Y5V dielectrics.
18.2.3 Circuit Board Layout
Board layout and capacitor choice affect each other and determine the performance of the PLL. Figure 24
contains a suggested layout for the PLL filter components and for bypassing the analog supply voltage.
The 0.1 µF bypass capacitor is in a 1206 form factor. RFLT, CFLT, CRIP, and the 1000 pF decoupling ca-
pacitor are in an 0805 form factor. The traces are on the top surface of the board with the IC so that there
is no via inductance. The traces themselves are short to minimize the inductance in the filter path. The
VA and AGND traces extend back to their origin and are shown only in truncated form in the drawing.
18.2.4 Component Value Selection
The external PLL component values are listed in Table 6.
Range (kHz)
RFLT
CFLT
CRIP
Settling Time
32 - 192
3 k
Ω
22 nF
1 nF
4 ms
Table 6. External PLL Component Values
C
FLT
1000
pF
.1µF
C
RIP
Figure 24. Recommended Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com