Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 47Page - Cirrus Logic CS8416-CSZ Datasheet HTML 48Page - Cirrus Logic CS8416-CSZ Datasheet HTML 49Page - Cirrus Logic CS8416-CSZ Datasheet HTML 50Page - Cirrus Logic CS8416-CSZ Datasheet HTML 51Page - Cirrus Logic CS8416-CSZ Datasheet HTML 52Page - Cirrus Logic CS8416-CSZ Datasheet HTML 53Page - Cirrus Logic CS8416-CSZ Datasheet HTML 54Page - Cirrus Logic CS8416-CSZ Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
DS578F3
51
CS8416
17.CHANNEL STATUS BUFFER MANAGEMENT
17.1 AES3 Channel Status (C) Bit Management
The CS8416 contains sufficient RAM to store the first 5 bytes of C data for both A and B channels
(5 x 2 x 8 = 80 bits). The user may read from this buffer’s RAM through the control port.
The buffering scheme involves two buffers, named D and E, as shown in Figure 21. The MSB of each byte
represents the first bit in the serial C data stream. For example, the MSB of byte 0 (which is at control port
address 19h) is the consumer/professional bit for channel status block A.
The first buffer (D) accepts incoming C data from the AES receiver. The 2nd buffer (E) accepts entire blocks
of data from the D buffer. The E buffer is also accessible from the control port, allowing reading of the first
five bytes of C data.
The complete C data may be obtained through the C pin in Hardware Mode and through one of the GPO
pins in Software Mode. The C data is serially shifted out of the CS8416 clocked by the rising and falling
edges of OLRCK.
17.2 Accessing the E Buffer
The user can monitor the incoming data by reading the E buffer, which is mapped into the register space of
the CS8416, through the control port.
The user can configure the interrupt enable register to cause interrupts to occur whenever D to E buffer
transfers occur. This allows determination of the allowable time periods to interact with the E buffer.
Also provided is a D to E inhibit bit in the Control2 register (02h). This may be used whenever “long” control
port interactions are occurring or for debugging purposes.
A flowchart for reading the E buffer is shown in Figure 22. Since a D to E interrupt occurs just after reading,
there is a substantial time interval until the next D to E transfer (approximately 192 frames worth of time).
This is usually enough time to access the E data without having to inhibit the next transfer.
17.2.1 Serial Copy Management System (SCMS)
In Software Mode, the CS8416 allows read access to all the channel status bits. For consumer mode
SCMS compliance, the host microcontroller needs to read and interpret the Category Code, Copy bit and
L bit appropriately.
In Hardware Mode, the SCMS protocol can be followed by either using the COPY and ORIG output pins,
or by using the C bit serial output pin. These options are documented in Section 15. “Hardware Mode” on
page 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com