Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416-CSZ Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8416-CSZ
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416-CSZ Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8416-CSZ Datasheet HTML 37Page - Cirrus Logic CS8416-CSZ Datasheet HTML 38Page - Cirrus Logic CS8416-CSZ Datasheet HTML 39Page - Cirrus Logic CS8416-CSZ Datasheet HTML 40Page - Cirrus Logic CS8416-CSZ Datasheet HTML 41Page - Cirrus Logic CS8416-CSZ Datasheet HTML 42Page - Cirrus Logic CS8416-CSZ Datasheet HTML 43Page - Cirrus Logic CS8416-CSZ Datasheet HTML 44Page - Cirrus Logic CS8416-CSZ Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
DS578F3
41
CS8416
SOLRPOL
- OLRCK clock polarity
Default = ‘0’
0 - SDOUT data is valid for the left channel when OLRCK is high.
1 - SDOUT data is valid for the right channel when OLRCK is high.
14.8 Receiver Error Mask (06h)
The bits in this register serve as masks for the corresponding bits of the Receiver Error Register. If a mask
bit is set to 1, the error is unmasked, meaning that its occurrence will appear in the receiver error register,
will affect RERR, will affect the RERR interrupt, and will affect the current audio sample according to the
status of the HOLD bit. If a mask bit is set to 0, the error is masked, meaning that its occurrence will not
appear in the receiver error register, will not affect the RERR pin, will not affect the RERR interrupt, and will
not affect the current audio sample. The CCRC and QCRC bits behave differently from the other bits: they
do not affect the current audio sample even when unmasked. This register defaults to 00h.
14.9 Interrupt Mask (07h)
The bits of this register serve as a mask for the Interrupt Status register. If a mask bit is set to 1, the error
is unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set
to 0, the error is masked, meaning that its occurrence will not affect the internal INT signal or the status reg-
ister. The bit positions align with the corresponding bits in Interrupt Status register. This register defaults to
00h.
The INT signal may be selected to output on the GPO pins. See “General Purpose Outputs” on page 29.
14.10 Interrupt Mode MSB (08h) and Interrupt Mode LSB(09h)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Status register function. There are
three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge active
mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge active mode,
the INT pin becomes active on the removal of the interrupt condition. In Level active mode, the INT interrupt
pin becomes active during the interrupt condition. Be aware that the active level (Active High or Low) only
depends on the INT[1:0] bits. These registers default to 00h.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
76543210
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
76543210
0
PCCHM
OSLIPM
DETCM
CCHM
RERRM
QCHM
FCHM
76543210
0
PCCH1
OSLIP1
DETC1
CCH1
RERR1
QCH1
FCH1
0
PCCH0
OSLIP0
DETC0
CCH0
RERR0
QCH0
FCH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com