Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
3-6
Viterbi Decoder Implementation
Expanding the Viterbi Algorithm
Creating the Branch Metrics
The next instruction is the VSL. VSL is a mnemonic for Viterbi Shift Left, a new
instruction tailored for Viterbi algorithm updates. The action of this instruction is to take
an accumulator a or b, store the mid-register (a1 or b1) in X memory, shift the
accumulator left, append a 0 or 1, as indicated by the instruction arguments, and store
the low register (a0 or b0) in Y memory. The net result is that path bits are updated and
the path metric/path pair stored in memory.
This VSL puts a 0 in the LSB of B0. In this way we store the input bit of this transition
(which is 0 regardless of the path chosen because the input bit is 0 as long as the
destination state is the upper state). Because we are storing recreated encoder bits, this
path string will be a recreation of the encoder input, which is what we want for the
decoder output. Of course, we can only store 16 or 24 bits of the path at a time (16 for
DSP56600 or DSP56300 in 16-bit arithmetic mode, 24 for DSP56300 otherwise).
Next, repeat the operations for the lower state update. Note we subtract and add, rather
than add and subtract, as required by the lower state update. The add instruction
reloads the second path metric/path pair, while the sub instruction increments the path
metric fetch pointer and loads the branch metric from the branch metric table, both for
use in the next loop iteration. The increment of the path metric fetch pointer is a dummy
read into x0 (i.e., x0 is not used). This allows us to use a second parallel move to
increment r5.
The max instruction finds the survivor path metric/path pair for the lower state, and
preloads the path metric/path pair for the next loop iteration. The last VSL instruction
shifts the survivor path left 1 bit, appends a 1 to represent the recreated encoder state for
the lower state, and stores the lower state path metric.
We now iterate this loop by the number of butterflies needed, and exit the macro.
3.4
CREATING THE BRANCH METRICS
To present the branch metric routine, we start with the encoding polynomials. For this
example, we start with the encoding polynomials. We then show how to create the
branch metrics we need (in the order required) to do the butterfly correctly. Recall that
the encoding polynomials are 1+D+D3+D5 and 1+D2+D3+D4+D5. There are 32 states in
the decoder, so we need 32 branch metrics. In general, we would access these metrics in
pairs in the butterfly routine, updating the states in pairs. As noted above, we can save
the work involved in half of these, because our polynomials induce a symmetry in the
branch metrics. By this we mean that the branch metrics for this code have the property
that the upper and lower input branches to any state are complementary.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com