Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
Expanding the Viterbi Algorithm
Traceback: Obtaining the Decoder Output
Viterbi Decoder Implementation
3-15
For each path stored, then, we start by reading in the path. We move the path 5 bits to
the right, so that A1 has the byte of path data to store right aligned. We mask off all but
the 5 rightmost bits in B1 to clear the stored path bits. The loop finishes by writing both
the path data to be stored and the updated path for the path metric.
The macro finishes by setting r5 for use in the next butterfly, as well as updating N0 to
point to the next page of stored path data during the next storage interval.
Example 3-4
Traceback Output Path Code Listing
;***********************TRACEBACK OUTPUT PATH MACRO*******************
;
FUNCTION: To output the correct data, we begin at the end. We take the
;
output path of the survivor state (0), and place its associated
;
output path in memory as the last output data byte. Then we use
;
bits 3-7 of that data as an offset pointer to the correct traceback
;
data of the next previous path data memory. We continue this until
;
we have traced the data back to the beginning.
;
INPUTS:
;
n0 should point to memory where the path bits are to be stored
;
r5 should point to the latest path metric for state 0
;
OUTPUTS:
;
Decoder output data in Y memory
;
REGISTERS USED:
;
a,b,y,r0,n0,r2,r5
;
;*********************************************************************
;
;
Store off path data in bytes to avoid overflow in path Registers
;
TRACEBACK macro
;
move
N0,R0
;path ptr to r0
move
#0,n0
;prep for traceback
move
#DECOUT+(NUMINPUTS/8/2),r2
;point to end to trace data
move
y:(r5),b
;recall last path
move
#-1,m2
;r2 now linear
move
b1,x:(r0)
;save off last path data
move
#$513,x0
;control word for extract, 16 bit
;
move
#$501d,x0
;control word for extract, 24 bit
;
;*****************BEGIN TRACEBACK*****************************
;
IF (EVEN==0)
move
x:(r0+n0),a
;recall last path
extractu x0,a,b
;bits 3-7 of a1 point to next data
lua
(r0-NUMSTATES),r0
;dec r0 to next earlier state set
lsl
#8,a
;move to upper byte
move
b0,n0
;load as offset for traceback
move
a1,y:(r2)-
;save off
ENDIF
;
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com