Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
5-4
Viterbi Decoder Implementation
Summary
Program Listings
Table 5-1
Viterbi Decoder Code Statistics
Another statistic worth noting is the program memory required by each program. The
basic Viterbi decoder code in Section 3 takes 178 program words, and the code in
Section 4
with all enhancements added takes 311. The large increase is mostly due to the
unrolling of some loops at the end, required to phase the ACSFlush and STOREPATHS
macros correctly. Notably, the amount of program space required for either routine is
quite small, and may not be a large consideration for most systems.
5.3
PROGRAM LISTINGS
Finally, note that there are three appendices to this application report. Each appendix
contains a program listing for the program as described on one of the sections of this
manual.
¥ Appendix A contains a listing for the complete code discussed in Section 3.
¥ Appendix B contains a complete listing of the code discussed in Section 4.
¥ Appendix C contains a complete listing of a 24-bit version of the Section 4 code,
suitable for implementation on a DSP56300 DSP operating in 24-bit arithmetic
mode.
Code Used
Total Clock
Cycles
Clock Cycles per
Information Bit
MIPS at 13,350
Data Rate
%
change
Basic Viterbi
36127
215.04
2.87
Ñ
Viterbi with
generalized
branch metrics
36668
218.26
3.31
+1.5%
+ACSFlush
36065
214.67
2.87
-0.172%
+Pre ACS
35459
211.07
2.81
-1.85%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com