Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
A-8
Viterbi Decoder Implementation
Basic Algorithm Program Listing
;***************************MAIN***********************************************
NUMSTATESequ
32
ENCBITS
equ
6
;most cases=log2(NUMSTATES)+1
NoOfAcsButtequ
NUMSTATES/2
NUMINPUTSequ
168
EVEN
equ
1-(NUMINPUTS/8)%2
;EVEN SET TO 1/0 IF NUMINPUTS IS
;
EVEN/ODD #BYTES
org
p:$400
VITDEC
move
#NUMSTATES/2-1,m2
;r2 points to branch metric table
move
#>3,n2
;increment for branch metric storage
move
#STATE1,r5
;r5 points to current state metric
move
#STATE2,r4
;r4 points to updated state metric
move
#NUMSTATES*2-1,m4
;both modulo to flip loc each sym
move
#NUMSTATES*2-1,m5
move
#NUMSTATES/2,n5
;input metrics spacing for each butter-
fly
move
#PATHOUT,n0
;n0 points to storage for output paths
move
#-1,m3
;set linear mode, traceback ptr
move
#INDATA,r1
;r1 points to input data
;***********************PREPARATION LOOP*************************
;
This loop iterates by the number of bits used in the
;
encoder to pre load the bit decisions.
Thereafter,
;
the paths are updated and stored off in bytes.
We need
;
the preload bits so that the stored path metrics point
;
correctly to their previous paths for traceback
;****************************************************************
do
#ENCBITS-1,PRELP
;once for each encoder bit
;
FindMetrics
ACS
PRELP
;*****************MAIN LOOP--PROCESS BYTES OF DATA*****************
do
#NUMINPUTS/8-1,DATALP
;process bytes of output
do
#8,SYMLP
;8 bits per byte
;
FindMetrics
ACS
SYMLP
STOREPATHS#NUMSTATES
DATALP
;********POSTPROCESSING,LAST INFO BYTE ********************************
;
; ENCBITS-1 PREPROCESSED, SO WE HAVE 8-ENCBITS+1 BITS LEFT.
; FOR THIS EXAMPLE, WE HAVE 3 INPUTS LEFT TO PROCESS
;**********************************************************************
;
THE LAST THREE BITS------
do
#8-ENCBITS+1,FLSH1
;process last 3 bits to get last byte
FindMetrics
ACS
FLSH1
;*******Traceback the path data to obtain the decoder output**********
TRACEBACK
FIN
nop
Example A-1
Basic 16-Bit Implementation of a Viterbi Decoder (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com