Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
Algorithmic Extensions
Starting from 0: The Pre ACS Macro
Viterbi Decoder Implementation
4-9
The do loop processes each state update. The branches are added to the state to obtain
the state updates. The second of these adds also loads in the next path metric/path pair
for the next loop iteration. The VSL instructions store the updated path metrics, and the
move loads the next branch metrics.
After the loop, we double n5 (used to vary the number of loop iterations), restore r4 and
r5 to swap path metric read/write addresses, and reinitialize the branch metric pointer
for use by the branch metric update routine.
Example 4-3
Pre-ACS Macro
;*******************************;PreACS***************************************
;
FUNCTION: Update path metrics/paths for the Viterbi algorithm by
;
ACS butterfly from assumed 0 state to start, and double
;
the number of states on each invocation until the full
;
trellis is used.
This routine CANNOT be used unless the
;
encoder is starting from an all 0's state.
Note this
;
means it cannot be used if the data is a continuation
;
of a previously processed data stream.
Use the ACS macro
;
instead.
However, for packetised data, or other data that
;
assumes the data starts with the encoder 0 filled, this
;
routine saves cycles, AND only state 0 needs to be initialised
;
before starting the decode.
;
INPUTS:
;
r2 should point to the beginning of the branch metric table
;
r5 should point to the latest path metric for state 0
;
r4 should point to the storage location for updated state 0
;
n5 should be the number of input states/2 to process
;
n5 is doubled each time this macro is invoked
;
OUTPUTS:
;
Updated path metrics/paths stored in XY memory
;
REGISTERS USED:
;
a,b,y01,r2,r3,n3,r4,r5,n5 r2 unchanged (modulo req'd)
;
Registers:
;
r5, pointer to the path metric/path table, arranged as
;
x: path metric, y: path,states ordered assuming
;
bits shift right to left.
;
r4, pointer to the output path metric/path table
;
r0, pointer to the branch metric table, arranged
;
as x:C, y:D, CD,CD,CD, etc.
;
;
SA------NSA
;
\
C
;
D \
;
\
;
\
;
\
;
\
;
SB
NSB
;
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com