Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
Summary
Summary
Viterbi Decoder Implementation
5-3
5.1
SUMMARY
This application report began with an explanation of the Viterbi algorithm in Section 2,
introduced a basic Viterbi decoder in Section 3, and offered some enhancements to the
decoding assembly code in Section 4. The explanations in Section 2 and Section 3 are
detailed enough for the ideas behind the code to be understood. The goal is to make it
easy to take and modify this code to produce efficient code for any desired application of
the Viterbi algorithm.
We chose a nontrivial industry standard code as our example, and there are some
statistics that are worth noting. Table 5-1 presents some notable statistics for code
presented in this note. In the table, we compare the basic Viterbi decoder code of
Section 3
with the basic code in Section 4. The basic code requires about 215 clock cycles
per decoder input to decoder the data. As an example, this means that at a received data
rate of 13,350 per second (the IS-136 rate if all six slots in a frame are voice data to be
decoded) 2.87 MIPS are required.
If we use generalized branch metrics, the numbers increase, because the branch metric
calculation is more complicated. Note, however, that they lower again as the Pre ACS
and ACSFlush routines are included. Once all the enhancements of Section 4 are
included, the computational load drops to 2.81 MIPS, more than 3% below what the rate
would be if we just used the generalized branch metrics.
5.2
CONCLUSIONS
In conclusion, note that the relative improvement is dependent on the length of the data
packet. Shorter packets show greater improvement. For example, an encoded voice data
slot in IS-136 uses a packet size of only 89 decoder inputs instead of our example 168. For
packets of this size, the percent change is 4.8%Ñlarge enough to make the extra code
worth considering.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com