Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
1-4
Viterbi Decoder Implementation
Introduction
Manual Organization
1.3
MANUAL ORGANIZATION
Section 2
of this manual covers many basics of the Viterbi algorithm and introduces
much of the terminology used in this application note. Those already acquainted with
the algorithm may wish to proceed directly to Section 3.
Section 3
shows how to develop assembly language routines for the Viterbi algorithm.
This is done by means of an example, taking a set of encoding polynomials from the
wireless interim standard IS-136 and developing the assembly routines needed to
implement the corresponding decoder using the Viterbi algorithm.
Section 4
discusses some code modifications that are useful for generalizing and
optimizing the example code. The code-to-cover generalized branch metrics is extended,
and an efficient method for normalizing the path metrics is introduced. In addition, two
additional sets of code are given for more efficient processing of data periodically forced
through a known state.
Section 5
summarizes the application report and presents interesting data and statistics
arrived at by comparing the basic Viterbi algorithm code of Section 2 with that of the
modified program code presented in Section 3 and Section 4.
Appendix A
contains the complete program listing for Section 3.
Appendix B
contains the complete program listing for Section 4.
Appendix C
contains the complete 24-bit program listing for Section 4.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com