Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
24-Bit Algorithm Program Listing
Viterbi Decoder Implementation
C-5
;*****************************************************************************
;
AT this point, X is configured with br 11|00, y with 00|11, and
;
AB with 01|10, BA with 10|01 all needed for quick storage in XY memory
;*****************************************************************************
move
x,l:(r2)+
;store 11 in location 0.
move
ab,l:(r2)+
;store 01 in location 1
move
ba,l:(r2)+
;store 10 in location 2
move
y,l:(r2)+
;store 00 in location 3
move
y,l:(r2)+
;store 00 in location 4
move
ba,l:(r2)+
;store 10 in location 5
move
ab,l:(r2)+
;store 01 in location 6
move
x,l:(r2)+
;store 11 in location 7
move
ba,l:(r2)+
;store 10 in location 8
move
y,l:(r2)+
;store 00 in location 9
move
x,l:(r2)+
;store 11 in location 10
move
ab,l:(r2)+
;store 01 in location 11
move
ab,l:(r2)+
;store 01 in location 12
move
x,l:(r2)+
;store 11 in location 13
move
y,l:(r2)+
;store 00 in location 14
move
ba,l:(r2)+
;store 10 in location 15 r2-> BRX
endm
Example C-1
24-bit Algorithm Program Listing (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com