Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
The Viterbi Algorithm
Viterbi Decoder
Viterbi Decoder Implementation
2-5
Figure 2-2
shows a prototype for one state of the state tree for this decoder. Figure 2-3
shows the entire tree used by the decoder to track the first five input pairs. The state of
the recreated encoder appears in the box. Along each arrow (a state transition) appears a
number pair showing the corresponding encoder output bit pair for that state transition
(the output produced immediately before the state changes). This figure is ordered so
that transitions corresponding to an input 0 are always the upper path and transitions
corresponding to an input 1 are always the lower path. To determine the encoder output
for a given transition, load the encoder with the state and use a 0 or 1 for the input bit,
according to the transition chosen. The encoder polynomials then determine the encoder
output, as shown in Figure 2-1.
Figure 2-2
Single State of Prototype Encoder Tree Diagram
State
Transition
Encoder Output
/
Branch Metric
Path Metric State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com