Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
24-Bit Algorithm Program Listing
Viterbi Decoder Implementation
C-7
;*******************************;PreACS***************************************
;FUNCTION: Update path metrics/paths for the Viterbi algorithm by the ACS
;
butterfly from assumed 0 state to start, and double the number of states
;
on each invocation until the full trellis is used.
This routine CANNOT
;
be used unless the encoder is starting from an all 0's state.
Note this
;
means it cannot be used if the data is a continuation of a previously
;
processed data stream.
Use the ACS macro instead. However, for packetised
;
data, or other data that assumes the data starts with the encoder 0 filled,
;
this routine saves cycles, AND only state 0 needs to be initialised
;
before starting the decode.
;
INPUTS:
;
r2 should point to the beginning of the branch metric table
;
r5 should point to the latest path metric for state 0
;
r4 should point to the storage location for updated state 0
;
n5 should be the number of input states/2 to process
;
n5 is doubled each time this macro is invoked
;
OUTPUTS:
;
Updated path metrics/paths stored in XY memory
;
REGISTERS USED:
;
a,b,y01,r2,r3,n3,r4,r5,n5 r2 unchanged (modulo req'd)
;
Registers:
;
r5, pointer to the path metric/path table, arranged as x: path metric,
;
y: path,states ordered assuming bits shift right to left.
;
r4, pointer to the output path metric/path table
;
r0, pointer to the branch metric table, arranged as x:C, y:D, CD,CD, etc.
;
;
SA------NSA
;
\
C
;
D \
;
\
;
\
;
\
;
\
;
SB
NSB
;*****************************************************************
PreACS
macro
;
move
#BRY,r2
;r2 points to branch metrics
move
r5,r3
;save r5 to init r4 later
move
r4,n3
;save r4 to init r5 later
move
l:(r2)+,ba
;get first branch metrics
move
l:(r5)+,y
;load 1st metric/path pair
do
n5,_P_NextStage
;update each state
add
y,a
;update metric
add
y,b
l:(r5)+,y
;updt met, ld nxt pair
vsl
a,0,l:(r4)+
;end top half
vsl
b,1,l:(r4)+
;end 2nd half
move
l:(r2)+,ba
;ld br met
_P_NextStage
move
n5,b
;recall loop count
asl
b
n3,r5
;mult it by 2
move
r3,r4
move
b,n5
;storage for loop count
move
#BRY,r2
;reinit branch ptr
endm
Example C-1
24-bit Algorithm Program Listing (Continued)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com