Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
Expanding the Viterbi Algorithm
Main: Gluing the Pieces Together
Viterbi Decoder Implementation
3-17
Again, we read the next (previous) path into A1 using r0, which points to the previous
page, and n0, which points to the correct path in that page. We extract the new path
pointer information, update r0 to the next previous page, and move the path pointer to
n0. Move the path data to the upper byte, OR in the lower byte from x1, and move the
resulting word into memory using r2. The loop continues until we have traced back to
the beginning, and y:DECOUT points to the start of the decoder output.
3.7
MAIN: GLUING THE PIECES TOGETHER
The only thing left is to put the pieces together. In Examples 3-5 through 3-7, we present
the main routine. Its function is to initialize registers so everything starts properly, and
to invoke the macros at the needed time.
Example 3-5
begins the Viterbi decoding routine by setting equates for the encoder size
and input data length, and initializing address registers. NUMSTATES is set to the
number of encoder states, which for our example is 32. ENCBITS is the number of bits
used to encode. This includes the input bit as well as the state bits. NoOfAcsButt sets the
number of ACS butterflies for the butterfly loop. For our rate 1/2 code, this is
automatically set to half the number of states. The EVEN flag is used by the assembler to
include an extra half-byte of traceback if the number of input bytes of data is odd.
Example 3-5
Main Viterbi Decoding Routine: Initialization
;***************************MAIN***********************************************
;
NUMSTATESequ
32
ENCBITS
equ
6
;most cases=log2(NUMSTATES)+1
NoOfAcsButt
equ
NUMSTATES/2
NUMINPUTSequ
168
EVEN
equ
1-(NUMINPUTS/8)%2
;EVEN SET TO 1/0 IF NUMINPUTS IS
;
EVEN/ODD #BYTES
org
p:$400
VITDEC
move
#NUMSTATES/2-1,m2
;r2 points to branch metric table
move
#>3,n2
;increment for branch metric storage
move
#STATE1,r5
;r5 points to current state metric
move
#STATE2,r4
;r4 points to updated state metric
move
#NUMSTATES*2-1,m4
;both modulo to flip loc each sym
move
#NUMSTATES*2-1,m5
move
#NUMSTATES/2,n5
;input metrics spacing for each butterfly
move
#PATHOUT,n0
;n0 points to storage for output paths
move
#-1,m3
;set linear mode, traceback ptr
;
move
#INDATA,r1
;r1 points to input data
;
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com