Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56300 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # DSP56300
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button DSP56300 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56300 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
Expanding the Viterbi Algorithm
Memory Organization
Viterbi Decoder Implementation
3-19
By preloading ENCBITS-1 and storing the leftmost eight every time we store paths, we
ensure that the paths always have (ENCBITS-1)+8 bits at the time we store paths.The
extra ENCBITS-1 bits are, as noted above, the current state, and are kept till the next
path store time to allow us to traceback. The main loop processes all but the last
8-ENCBITS+1 sets of decoder input data.
Example 3-7
shows the final processing for the data block. At this time, we have
processed all but the last byte, i.e., 8 bits less the ENCBITS-1 processing we did in
preprocessing. This means we have 3 bits of data left to process. After processing the
last decoder input, the TRACEBACK macro is invoked to obtain the decoder output.
The decoded data is memory at y:DECOUT, in 16-bit word form.
3.8
MEMORY ORGANIZATION
Example 3-8
shows all memory organization except the input data defines used to test
the code. The first reserved spaces are dedicated to the storage for the path metrics (in X
memory) and their respective paths (in Y memory). Note that these must be collocated.
For this code, we initialized the metrics for that state 00 has a large path metric, and the
rest are 0. We do not initialize the path metrics in executable code! This allows the
decoder to operate on data over multiple invocations if desired. If the decoder is
operating on independent data blocks, each started assuming the encoder starts in the 0
state, then this memory will have to be initialized accordingly. Another alternative in
this case would be to modify the butterfly loop in the preprocessor to use the fact that
the encoder starts in the 0 state. This option is explored in Section 4.
Example 3-7
Main Viterbi Decoding Routine: Termination and Traceback
;
;********POSTPROCESSING,LAST INFO BYTE ********************************
;
; ENCBITS PREPROCESSED, SO WE HAVE 8-ENCBITS BITS LEFT.
; FOR THIS EXAMPLE, WE HAVE 3INPUTS LEFT TO PROCESS
;**********************************************************************
;
;
THE LAST THREE BITS------
;
do
#8-ENCBITS+1,FLSH1;process last 3 bits to get last byte
;
FindMetrics
ACS
FLSH1
;*******Traceback the path data to obtain the decoder output**********
TRACEBACK
FIN
nop
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com